PART |
Description |
Maker |
ISL62386 ISL62386HRTZ ISL62386HRTZ-T |
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
|
Intersil Corporation
|
MAX8734A MAX8733A MAX8733AEEI |
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
|
Maxim Integrated Products
|
ISL6236A ISL6236AIRZ ISL6236AIRZ-T |
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
|
Intersil Corporation
|
ISL6236 ISL6236IRZA ISL6236IRZA-T |
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
|
Intersil Corporation
|
5962F9671501VCC 5962F9671501VXC ACTS125MS ACTS125H |
Radiation Hardened Quad Buffer/ Three-State Radiation Hardened Quad Buffer Three-State From old datasheet system Radiation Hardened Quad Buffer, Three-State 辐射加固四缓冲,三 ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 辐射加固四缓冲,三
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
GHPW5V020PMT003L GHPC2V530EET001L GHPC2V530EET002L |
Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
|
GALAXY[Galaxy Power, Inc.]
|
CAT3643HL1-T2 CAT3643 CAT3643HV2-T2 CAT3643HV3-T2 |
3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
|
Catalyst Semiconductor
|
CAT3644HV3-GT2 CAT3644HV3-T2 |
4-Channel Ultra High Efficiency Quad-Mode LED Driver
|
Rectron Semiconductor
|
AD14060L AD14060BF-4 AD14060LBF-4 5962-9750701HXC |
Quad-SHARC DSP Multiprocessor Family ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 四SHARC处理器DSP的多处理器家 Quad-SHARC DSP Multiprocessor Family 48-BIT, 40 MHz, OTHER DSP, CQFP308 ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86%
|
ANALOG DEVICES INC Analog Devices, Inc.
|
BD9011EKN-E2 |
Dual-output, high voltage, high-efficiency step-down Switching Regulator
|
Rohm
|
RSBL-12 RSBL-9 RSBL-9-S RSB-12 RSB-12-S RSB-24 RSB |
Using Permanent Magnet, High sensitivity Two Poles Signal Relay RSB RELAYS 使用永磁,两极高灵敏度信号继电器RSB继电 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 使用永磁,两极高灵敏度信号继电器RSB继电 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Explosion-Proof Limit Switches Series CX: Standard Housing: Side Rotary, Lever not included From old datasheet system
|
Electronic Theatre Controls, Inc. ETC[ETC] N.A. List of Unclassifed Manufacturers http://
|